Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0844 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 12Page - STMicroelectronics UM0844 Datasheet HTML 13Page - STMicroelectronics UM0844 Datasheet HTML 14Page - STMicroelectronics UM0844 Datasheet HTML 15Page - STMicroelectronics UM0844 Datasheet HTML 16Page - STMicroelectronics UM0844 Datasheet HTML 17Page - STMicroelectronics UM0844 Datasheet HTML 18Page - STMicroelectronics UM0844 Datasheet HTML 19Page - STMicroelectronics UM0844 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
The pre-flashed software
UM0844
16/43
Doc ID 16544 Rev 3
bootargs=console=ttyS0 mem=128M root=/dev/mtdblock3
rootfstype=jffs2
bootcmd=bootm 0xf8050000
bootdelay=1
baudrate=115200
ethaddr=00:11:22:33:44:55
ipaddr=192.168.1.10
serverip=192.168.1.1
gatewayip=192.168.1.1
netmask=255.255.255.0
stdin=serial
stdout=serial
stderr=serial
verify=n
Environment size: 283/8188 bytes
2.6.3
Advanced commands
More advanced usage of U-Boot includes commands for:
●
Reading and writing embedded MPU registers and memory areas
●
Executing the contents of an environment variable, handling it as a script (sequence of
U-Boot commands)
●
Checking Ethernet link between the target board and the host PC (ping)
●
Booting the Linux kernel from Ethernet network (by TFTP) instead of using a kernel on
Flash memory (bootm, tftp, tftpboot).
2.7
Connecting the evaluation board to a LAN
The evaluation board should be connected to a developer's host PC over a private LAN or
even a point-to-point link. Commonly used private IP addresses (Class C) are in the range
of192.168.0.0 - 192.168.255.255.
Note:
Some SPEAr evaluation boards (currently EVALSPEAR310 and EVALSPEAR320) provide
multiple Ethernet ports. Each port requires a different IP address. The procedure described
below is applicable to a single port, usually the one used for software development.
As an example, let's assume an IPv4 local area network with the following characteristics:
Network IPs:
192.168.1.X
Host PC IP:
192.168.1.1
Evaluation board IP:192.168.1.10
On a Linux PC, you must configure the host address as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com