Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0844 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 29Page - STMicroelectronics UM0844 Datasheet HTML 30Page - STMicroelectronics UM0844 Datasheet HTML 31Page - STMicroelectronics UM0844 Datasheet HTML 32Page - STMicroelectronics UM0844 Datasheet HTML 33Page - STMicroelectronics UM0844 Datasheet HTML 34Page - STMicroelectronics UM0844 Datasheet HTML 35Page - STMicroelectronics UM0844 Datasheet HTML 36Page - STMicroelectronics UM0844 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
UM0844
Working with customized kernels
Doc ID 16544 Rev 3
33/43
$ make spear300_defconfig
To modify the default configuration, run from the terminal the "make menuconfig" tool in the
kernel source tree root directory. Now you can change all the configuration options.
To navigate in the menu structure and change the options you need, use the arrows keys.
When all changes are done, you can save the configuration and exit. The new configuration
is saved in a hidden ".config" file. If you like, you can choose another name.
5.2
Rebuilding the kernel
After the configuration step is finished, kernel can be rebuilt with a "make" command:
$ make uImage
If you configured some components as modules, you also need a "make modules"
command afterwards.
Time required for the build process is highly variable, depending on the number of features
you choose during the configuration step and your PC speed (usually it takes some
minutes).
When the build process is completed, you can find the kernel images in the arch/arm/boot
subdirectory of the kernel tree, both as uncompressed (Image) and compressed (zImage,
uImage) kernel image.
5.3
Workflow models
The kernel binary image is always generated on the development PC. However, there are
many approaches (workflows) to make the kernel operating on the target evaluation board.
The main ones are described in following subsections.
5.3.1
Booting the kernel on-demand
If the board can be connected to the development PC through an Ethernet LAN, one
solution is to load the kernel binary image file just after reset by configuring U-Boot for
automatic file transfer by TFTP protocol.
This approach is especially useful when frequently modifying the kernel, for instance during
adaptations to a device drivers that are statically linked with kernel code.
To enable TFTP support on the development PC, you must make sure that the TFTP
daemon program /usr/sbin/in.tftpd is installed. On Fedora Core systems you can verify this
by running:
$ rpm -q tftp-server
If necessary, install the TFTP daemon program from your distribution media.
Most Linux distributions disable the TFTP service by default. To enable it, for example on
Fedora systems, edit the file /etc/xinetd.d/tftp and remove the line
disable = yes
or change it into a comment line by putting a hash character in front of it. An example of
TFTP file configuration is shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com