Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0897 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0897
Description  Embedded Ethernet web client based on the STR91x
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0897 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0897 Datasheet HTML 7Page - STMicroelectronics UM0897 Datasheet HTML 8Page - STMicroelectronics UM0897 Datasheet HTML 9Page - STMicroelectronics UM0897 Datasheet HTML 10Page - STMicroelectronics UM0897 Datasheet HTML 11Page - STMicroelectronics UM0897 Datasheet HTML 12Page - STMicroelectronics UM0897 Datasheet HTML 13Page - STMicroelectronics UM0897 Datasheet HTML 14Page - STMicroelectronics UM0897 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
UM0897
Running the system
Doc ID 17012 Rev 1
11/25
3
Running the system
3.1
Powering up
The web client system works on a 5 V power supply. An adapter capable of supplying 5 V,
500 mA can be used.
1.
When the system working as "Web client with local display" is powered up, a menu will
be displayed on the TFT as shown in Figure 1. Three buttons appear on the menu:
–
IPCAM: This button is used if the user wants to monitor images from the IP
camera plugged in the network
–
Network: This button is used if the user wants to monitor images from the LAN
server present on the network
–
Config: This button is selected to configure the IP address of the HTTP web server
and the IP camera address.
Before going to either IPCAM or network mode please make sure that the IP address of
both the HTTP web server and the IPCAM are correct. Through displayed instructions the
user can navigate the menu and change IP addresses.
Note:
The HTTP web server address is the address of the machine where the HTTP server is
installed.
The IPCAM address is 10.199.131.2.
2.
As mentioned earlier, 6 keys are available for user interface. Once the board is powered
on, the TFT displays the message below.
Figure 8.
Initial display
3.
The LEFT and RIGHT keys are used to navigate between three buttons (IPCam,
network and config). During navigation the button will be highlighted in red. Use the
ENTER key to select the button.
4.
With the help of the configuration menu, the user can configure the IP address of the
servers to which it wants to connect. For example, the user can change the address of
the HTTP server to connect to other servers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com