Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0897 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0897
Description  Embedded Ethernet web client based on the STR91x
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0897 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0897 Datasheet HTML 17Page - STMicroelectronics UM0897 Datasheet HTML 18Page - STMicroelectronics UM0897 Datasheet HTML 19Page - STMicroelectronics UM0897 Datasheet HTML 20Page - STMicroelectronics UM0897 Datasheet HTML 21Page - STMicroelectronics UM0897 Datasheet HTML 22Page - STMicroelectronics UM0897 Datasheet HTML 23Page - STMicroelectronics UM0897 Datasheet HTML 24Page - STMicroelectronics UM0897 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Table 3.
STEVAL-PCC008V1: daughterboard: BOM
Category
Reference
Designator
Component
Description
Package
Manufacturer
Manufacturer’s
ordering code /
Orderable Part
Number or Equivalent
Supplier
Supplier Ordering
Code
Switches
SW1, SW2, SW3,
SW4, SW5, SW6
SWITCH,
TACTILE, SPNO,
Through-hole
6.00 mm x
6.00
mm, 2-pin
C&K
components
PTS645SL70TR LFS
Digi-Key
CKN9110CT-ND
Connectors
and jumpers
J1, J2
Sockets, 1x8 pin
Sockets,
1x8-pin,
2.54 mm pitch
Protectron
P9401-08-21
Capacitors
C1,C2,C3,C4,
C5,C6
100 nF
SMD0805
Any
Resistors
R1,R2,R3,R4,R5,R
6
10 k
Ω
SMD0805
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com