Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0897 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0897
Description  Embedded Ethernet web client based on the STR91x
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0897 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0897 Datasheet HTML 16Page - STMicroelectronics UM0897 Datasheet HTML 17Page - STMicroelectronics UM0897 Datasheet HTML 18Page - STMicroelectronics UM0897 Datasheet HTML 19Page - STMicroelectronics UM0897 Datasheet HTML 20Page - STMicroelectronics UM0897 Datasheet HTML 21Page - STMicroelectronics UM0897 Datasheet HTML 22Page - STMicroelectronics UM0897 Datasheet HTML 23Page - STMicroelectronics UM0897 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
LEDs
D5,D6,D9
LED
SMD0805
Any
C5,C7
10 pF
SMD0805
Any
C72,C73
12.5 pF
SMD0805
Any
C46,C48
30 pF
SMD0805
Any
C1
1 nF
SMD0805
Any
C58
4.7 nF
SMD0805
Any
Capacitors
C35
10 nF
SMD0805
Any
C2,C3,C4,C6,C9,
C10,C11,C12,
C13,C14,C15,
C16,C21,C22,
C25,C30,C32,
C38,C39,C47,
C49,C50,C52,
C53,C54,C55,
C56,C57,C59,
C60,C61,C62,
C63,C64,C65,
C66,C67,C69,
C70
100 nF
SMD0805
Any
C8,C17,C68,C71
4.7 µF/tantalum
EIA 3528-21/ size A
Any
C31,C33,C37,
C51
10 µF/tantalum
EIA 3528-21/ size A
Any
C18,C19,C20,
C23
22 µF/tantalum
EIA 3528-21/ size B
Any
C24
100 µF
ELC (bulk radial)
Any
Table 2.
STEVAL-PCC008V1 main board : BOM (continued)
Category
Reference
designator
Comp. descr.
Package
Manuf.
Manufacturer’s
ordering code /
orderable part
number or
equivalent
Suppl.
Supplier
orderin
g code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com