Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0897 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0897
Description  Embedded Ethernet web client based on the STR91x
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0897 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0897 Datasheet HTML 15Page - STMicroelectronics UM0897 Datasheet HTML 16Page - STMicroelectronics UM0897 Datasheet HTML 17Page - STMicroelectronics UM0897 Datasheet HTML 18Page - STMicroelectronics UM0897 Datasheet HTML 19Page - STMicroelectronics UM0897 Datasheet HTML 20Page - STMicroelectronics UM0897 Datasheet HTML 21Page - STMicroelectronics UM0897 Datasheet HTML 22Page - STMicroelectronics UM0897 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Connectors
and jumpers
CONN1
RJ45 with magnetics and
G/YLED
PCB mountable,
right angle, through-
hole
TYCO
5-6605758-4
RS
compon
ents
Part#
6154412
J6
Power jack 2.5 mm
Socket, DC power,
2.5 mm, right angle,
locking type
Protectron
PDCJ01-08
J10
Standard USB B-Type connector
PCB mountable,
right angle, through-
hole
Any
Connectors
and jumpers
J11
JTAG connector
Box header, right
angle, 20way, 2x10-
pin, 2.54 mm x 2.54
mm pitch
Protectron
P9604-20-15-1
J16
micro-SD connector
SMD
Proconn
Technology
MSPN09-D0-1002
J19,J20
CON3
1x3-pin, header
2.54 mm x 2.54 mm
pitch
Any
J24,J25
CON8
1x8-pin, 2.54 mm x
2.54 mm pitch
Any
J27, J28
CON2
1x2-pin,2.54 mm x
2.54 mm pitch
Any
CONN2
TFT LCD_CONNECTOR
2x8-pin socket, 2.54
mm x 2.54 mm pitch
Any
Table 2.
STEVAL-PCC008V1 main board : BOM (continued)
Category
Reference
designator
Comp. descr.
Package
Manuf.
Manufacturer’s
ordering code /
orderable part
number or
equivalent
Suppl.
Supplier
orderin
g code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com