Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0897 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0897
Description  Embedded Ethernet web client based on the STR91x
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0897 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0897 Datasheet HTML 14Page - STMicroelectronics UM0897 Datasheet HTML 15Page - STMicroelectronics UM0897 Datasheet HTML 16Page - STMicroelectronics UM0897 Datasheet HTML 17Page - STMicroelectronics UM0897 Datasheet HTML 18Page - STMicroelectronics UM0897 Datasheet HTML 19Page - STMicroelectronics UM0897 Datasheet HTML 20Page - STMicroelectronics UM0897 Datasheet HTML 21Page - STMicroelectronics UM0897 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
5
Bill of material
Table 2.
STEVAL-PCC008V1 main board : BOM
Category
Reference
designator
Comp. descr.
Package
Manuf.
Manufacturer’s
ordering code /
orderable part
number or
equivalent
Suppl.
Supplier
orderin
g code
ST devices
U1
Ethernet PHY
TQFP64 10x10 mm
STMicroelectronics
E-STE100P
U3
LDS3985M18R ultra-low drop
noise voltage regulator
SOT23-5L
STMicroelectronics
LDS3985M18R
U4
LD1117AS33TR low drop
voltage regulator
DPAK
STMicroelectronics
LD1117AS33TR
U6
ARM966E-S™ 16/32-bit Flash
MCU with Ethernet, USB, CAN,
AC motor control, 4 timers, ADC,
RTC, DMA
LQFP128
STMicroelectronics
STR912FAW44X6
U7
STM6718TW ultra-low voltage
supervisors
SOT23-5 (WY)
STMicroelectronics
STM6718TWWY6F
U8
USBLC6_2P6 very low
capacitance ESD protection
SOT23-6L
STMicroelectronics
USBLC6-2P6
ST devices
U9
Very low capacitance ESD
protection
SOT23-6L
STMicroelectronics
USBLC6-2SC6
U10
EEPROM
SO8 (150 mil)
STMicroelectronics
M24C01-WMN6TP
D2,D7
STPS1L30U (low drop power
Schottky rectifier)
SMB
STMicroelectronics
STPS1L30U
Z1
Transil™
SMB
STMicroelectronics
SMAJ6.0A-TR
Crystal and
oscillator
Y1
Quartz crystal 25 MHz
11.35 mmx4.35 mm,
SS4
Jauch
Q25.0-SS4-30-30/30
Y2
Tuning fork crystal 32 kHz
2.0 mmx 6.0 mm
Jauch
Q 0,032768-MMTF32-
12,5-20
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com