Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0897 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0897
Description  Embedded Ethernet web client based on the STR91x
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0897 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0897 Datasheet HTML 17Page - STMicroelectronics UM0897 Datasheet HTML 18Page - STMicroelectronics UM0897 Datasheet HTML 19Page - STMicroelectronics UM0897 Datasheet HTML 20Page - STMicroelectronics UM0897 Datasheet HTML 21Page - STMicroelectronics UM0897 Datasheet HTML 22Page - STMicroelectronics UM0897 Datasheet HTML 23Page - STMicroelectronics UM0897 Datasheet HTML 24Page - STMicroelectronics UM0897 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Note:
Not mounted: R4, D10,J28,J27,U8,J10,U2,R125,R109,Y2,C72,C73,Z1,U9
The term equivalent has been used where the exact part number from the mentioned vendor may not have been used.
Others
L1,L2,L3,L6
10 µH
Through-hole
Any
SW1
Reset switch
(6mm x 6mm ) push-
button, through-
hole,
4-pin
1
TFT: 320 x 240
TFT module,
MB542B using
Ampire TFT
Ampire
AM-
240320L8TNQW00H
micro-SD Card
micro-SD
Any
Table 2.
STEVAL-PCC008V1 main board : BOM (continued)
Category
Reference
designator
Comp. descr.
Package
Manuf.
Manufacturer’s
ordering code /
orderable part
number or
equivalent
Suppl.
Supplier
orderin
g code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com