Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4088 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 10Page - STMicroelectronics AN4088 Datasheet HTML 11Page - STMicroelectronics AN4088 Datasheet HTML 12Page - STMicroelectronics AN4088 Datasheet HTML 13Page - STMicroelectronics AN4088 Datasheet HTML 14Page - STMicroelectronics AN4088 Datasheet HTML 15Page - STMicroelectronics AN4088 Datasheet HTML 16Page - STMicroelectronics AN4088 Datasheet HTML 17Page - STMicroelectronics AN4088 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
Peripheral migration
AN4088
14/71
DocID023072 Rev 3
3.4
Reset and clock controller (RCC) interface
The main differences related to the RCC (Reset and clock controller) in the STM32F0 series
versus STM32F1 series are presented in Table 9.
CAN2
NA
NA
APB1
0x40006800
CAN1
NA
NA
0x40006400
UART5
NA
NA
0x40005000
SPI3/I2S3
NA
NA
0x40003C00
TIM13
NA
NA
0x40001C00
TIM12
NA
NA
0x40001800
TIM5
NA
NA
0x40000C00
BKP registers
NA
NA
0x40006C00
AFIO
NA
NA
APB2
0x40010000
1. NA in table cells with gray shading = feature not available.
STM32F0 series devices have only one APB bus, APB1 and APB2 indicate on which APB register the clock configuration
bits of those peripherals are defined.
Table 8. IP bus mapping differences between STM32F0 and STM32F1 series(1) (continued)
Peripheral
STM32F0 series
STM32F1 series
Bus
Base address
Bus
Base address
Table 9. RCC differences between STM32F1 and STM32F0 series
RCC
STM32F1 series
STM32F0 series
HSI 48
NA
High speed internal oscillator at 48MHz
HSI 14
NA
High speed internal oscillator dedicated to
ADC
HSI
8 MHz RC factory-trimmed
Similar
LSI
40 kHz RC
Similar
HSE
3 - 25 MHz
Depending on the product line used
4 - 32 MHz(1)
LSE
32.768 kHz
Similar
PLL
– Connectivity line: main PLL + 2 PLLs for
I2S, Ethernet and OTG FS clock
– Other product lines: main PLL
Main PLL
System clock source HSI, HSE or PLL
HSI48, HSI, HSE or PLL
System clock
frequency
– Up to 72 MHz depending on the product
line used,
– 8 MHz after reset using HSI
– Up to 48 MHz depending on the product
line used
– 8 MHz after reset using HSI(1)
APB1/APB frequency Up to 36 MHz
Up to 48 MHz(1)
RTC clock source
LSI, LSE or HSE/128
LSI, LSE or HSE clock divided by 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com