Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4088 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 31Page - STMicroelectronics AN4088 Datasheet HTML 32Page - STMicroelectronics AN4088 Datasheet HTML 33Page - STMicroelectronics AN4088 Datasheet HTML 34Page - STMicroelectronics AN4088 Datasheet HTML 35Page - STMicroelectronics AN4088 Datasheet HTML 36Page - STMicroelectronics AN4088 Datasheet HTML 37Page - STMicroelectronics AN4088 Datasheet HTML 38Page - STMicroelectronics AN4088 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
DocID023072 Rev 3
35/71
AN4088
Peripheral migration
70
3.12
Real-time clock (RTC) interface
The STM32F0 series embeds a new RTC peripheral versus the STM32F1 series. The
architecture, features and programming interface are different.
As a consequence, the STM32F0 RTC programming procedures and registers are different
from those of the STM32F1 series, so any code written for the STM32F1 series using the
RTC needs to be rewritten to run on STM32F0 series.
The STM32F0 RTC provides best-in-class features:
BCD timer/counter
Time-of-day clock/calendar featuring subsecond precision with programmable daylight
saving compensation
Automatic wake-up unit generating a periodic flag that triggers an automatic wake-up
interrupt
A programmable alarm
Digital calibration circuit
Time-stamp function for event saving
Accurate synchronization with an external clock using the subsecond shift feature.
5 backup registers (20 bytes) which are reset when a tamper detection event occurs
For more information about STM32F0 RTC features, please refer to RTC chapter of
STM32F0xx Reference Manual (RM0091).
For advanced information about the RTC programming, please refer to Application Note
AN3371 Using the STM32 HW real-time clock (RTC).
3.13
SPI interface
The STM32F0 series embeds a new SPI peripheral versus the STM32F1 series. The
architecture, features and programming interface are modified to introduce new capabilities.
As a consequence, the STM32F0 SPI programming procedures and registers are similar to
those of the STM32F1 series but with new features. The code written for the STM32F1
series using the SPI needs little rework to run on STM32F0 series, if it did not use new
capabilities.
The STM32F0 SPI provides best-in-class added features:
Enhanced NSS control - NSS pulse mode (NSSP) and TI mode
Programmable data frame length from 4-bit to 16-bit
Two 32-bit Tx/Rx FIFO buffers with DMA capability and data packing access for frames
fitted into one byte (up to 8-bit)
8-bit or 16-bit CRC calculation length for 8-bit and 16-bit data.
Furthermore, the SPI peripheral, available in the STM32F0 family, fixes the CRC limitation
present in the STM32F1 family product. For more information about STM32F0 SPI features,
please refer to SPI chapter of STM32F0xx Reference Manual (RM0091).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com