Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4088 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 29Page - STMicroelectronics AN4088 Datasheet HTML 30Page - STMicroelectronics AN4088 Datasheet HTML 31Page - STMicroelectronics AN4088 Datasheet HTML 32Page - STMicroelectronics AN4088 Datasheet HTML 33Page - STMicroelectronics AN4088 Datasheet HTML 34Page - STMicroelectronics AN4088 Datasheet HTML 35Page - STMicroelectronics AN4088 Datasheet HTML 36Page - STMicroelectronics AN4088 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
DocID023072 Rev 3
33/71
AN4088
Peripheral migration
70
3.10
ADC interface
The table below presents the differences between the ADC interface of STM32F1 series
and STM32F0 series; these differences are the following:
New digital interface
New architecture and new features
Table 18. ADC differences between STM32F1 series and STM32F0 series
ADC
STM32F1 series
STM32F0 series
ADC Type
SAR structure
SAR structure
Repartition
ADC1 / ADC2 / ADC3
ADC
Max Sampling freq
1 MSPS
1 MSPS
Number of channels
up to 21 channels
up to 16 channels + 3
internal(1)
Resolution
12-bit
12-bit
Conversion Modes
Single / continuous / Scan / Discontinuous / Dual Mode
Single / continuous / Scan /
Discontinuous
Dual Mode
DMA
Yes
Yes
External Trigger
External event for regular
group
For ADC1 and ADC2:
TIM1 CC1
TIM1 CC2
TIM1 CC3
TIM2 CC2
TIM3 TRGO
TIM4 CC4
EXTI line 11 /
TIM8_TRGO
For ADC3:
TIM3 CC1
TIM2 CC3
TIM1 CC3
TIM8 CC1
TIM8 TRGO
TIM5 CC1
TIM5 CC3
External event for injected
group
For ADC1 and ADC2:
TIM1 TRGO
TIM1 CC4
TIM2 TRGO
TIM2 CC1
TIM3 CC4
TIM4 TRGO
EXTI line15 /
TIM8_CC4
For ADC3:
TIM1 TRGO
TIM1 CC4
TIM4 CC3
TIM8 CC2
TIM8 CC4
TIM5 TRGO
TIM5 CC4
External event
TIM1_TRGO
TIM1_CC4
TIM2_TRGO
TIM3_TRGO
TIM15_TRGO(1)
Supply requirement
2.4 V to 3.6 V
2.4 V to 3.6 V
Input range
Vref- ≤ Vin ≤ Vref+
VSSA ≤ VIN ≤ VDDA ≤ 3.6 V
1. Same feature but specification change or enhancement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com