Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4088 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 37Page - STMicroelectronics AN4088 Datasheet HTML 38Page - STMicroelectronics AN4088 Datasheet HTML 39Page - STMicroelectronics AN4088 Datasheet HTML 40Page - STMicroelectronics AN4088 Datasheet HTML 41Page - STMicroelectronics AN4088 Datasheet HTML 42Page - STMicroelectronics AN4088 Datasheet HTML 43Page - STMicroelectronics AN4088 Datasheet HTML 44Page - STMicroelectronics AN4088 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
DocID023072 Rev 3
41/71
AN4088
Firmware migration using the library
70
used to configure the microcontroller system at start-up and before branching to the
main() program.
Note:
For STM32F0xx, you can use the clock configuration tool,
STM32F0xx_Clock_Configuration.xls, to generate a customized SystemInit() function
depending on your application requirements. For more information, refer to AN4055 “Clock
configuration tool for STM32F0xx microcontrollers”.
2.
Peripheral access configuration: as presented in section 3.4: Reset and clock controller
(RCC) interface, you need to call different functions to [enable/disable] or [enter/exit]
the peripheral [clock] or [from reset mode]. For example, GPIOA is mapped on AHB
bus on STM32F0 series (APB2 bus on STM32F1 series). To enable its clock, you have
to use the RCC_AHBPeriphClockCmd(RCC_AHBPeriph_GPIOA, ENABLE);
function instead of:
RCC_APB2PeriphClockCmd(RCC_APB2Periph_GPIOA, ENABLE);
in the STM32F1 series.
Refer to Table 8 for the peripheral bus mapping changes between STM32F0 and
STM32F1 series.
3.
Peripheral clock configuration
Some STM32F0xx peripherals support dual clock features. The table below summarizes the
clock sources for those IPs in comparison with STM32F10xx peripherals.
Table 20. STM32F10x and STM32F0xx source clock API correspondence
Peripherals
Source clock in STM32F10xx
device
Source clock in STM32F0xx device
ADC
APB2 clock with prescaler
– HSI14: by default
– APB2 clock/2
– APB2 clock/4
CEC
APB1 clock with prescaler
HSI/244: by default
LSE
APB clock: Clock for the digital interface
(used for register read/write access). This
clock is equal to the APB2 clock.
I2C
APB1 clock
I2C1can be clocked with:
– System clock
–HSI
I2C2 can be only clocked with:
–HSI
SPI/I2S
System clock
System clock
USART
USART1 can be clocked with
– PCLK2 (72 MHz Max)
Other USARTs can be clocked with
– PCLK1 (36 MHz Max)
USART1, USART2 and USART3 can be
clocked with:
– system clock
– LSE clock
– HSI clock
– APB clock (PCLK)
For STM32F051 devices, USART2 can be
only clocked with system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com