Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4088 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 25Page - STMicroelectronics AN4088 Datasheet HTML 26Page - STMicroelectronics AN4088 Datasheet HTML 27Page - STMicroelectronics AN4088 Datasheet HTML 28Page - STMicroelectronics AN4088 Datasheet HTML 29Page - STMicroelectronics AN4088 Datasheet HTML 30Page - STMicroelectronics AN4088 Datasheet HTML 31Page - STMicroelectronics AN4088 Datasheet HTML 32Page - STMicroelectronics AN4088 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
DocID023072 Rev 3
29/71
AN4088
Peripheral migration
70
Alternate function mode
In STM32F1 series
1.
The configuration to use an I/O as an alternate function depends on the peripheral
mode used. For example, the USART Tx pin should be configured as an alternate
function push-pull, while the USART Rx pin should be configured as input floating or
input pull-up.
2.
To optimize the number of peripheral I/O functions for different device packages
(especially those with a low pin count), it is possible to remap some alternate functions
to other pins by software. For example, the USART2_RX pin can be mapped on PA3
(default remap) or PD6 (by software remap).
In STM32F0 series
1.
Whatever the peripheral mode used, the I/O must be configured as an alternate
function, then the system can use the I/O in the proper way (input or output).
2.
The I/O pins are connected to on-chip peripherals/modules through a multiplexer that
allows only one peripheral alternate function to be connected to an I/O pin at a time. In
this way, there can be no conflict between peripherals sharing the same I/O pin. Each
Table 16. GPIO differences between STM32F1 series and STM32F0 series
GPIO
STM32F1 series
STM32F0 series
Input mode
Floating
PU
PD
Floating
PU
PD
General purpose output
PP
OD
PP
PP + PU
PP + PD
OD
OD + PU
OD + PD
Alternate function output
PP
OD
PP
PP + PU
PP + PD
OD
OD + PU
OD + PD
Input / Output
Analog
Analog
Output speed
2 MHz
10 MHz
50 MHz
2 MHz
10 MHz
48 MHz
Alternate function
selection
To optimize the number of peripheral I/O
functions for different device packages, it
is possible to remap some alternate
functions to some other pins (software
remap).
Highly flexible pin multiplexing allows no
conflict between peripherals sharing the
same I/O pin.
Max IO toggle frequency
18 MHz
12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com