Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4088 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 27Page - STMicroelectronics AN4088 Datasheet HTML 28Page - STMicroelectronics AN4088 Datasheet HTML 29Page - STMicroelectronics AN4088 Datasheet HTML 30Page - STMicroelectronics AN4088 Datasheet HTML 31Page - STMicroelectronics AN4088 Datasheet HTML 32Page - STMicroelectronics AN4088 Datasheet HTML 33Page - STMicroelectronics AN4088 Datasheet HTML 34Page - STMicroelectronics AN4088 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
DocID023072 Rev 3
31/71
AN4088
Peripheral migration
70
Table 17. Flash differences between STM32F1 series and STM32F0 series(1)
FLASH
STM32F1 series
STM32F0 series
Main/Program
memory
Start Address
0x0800 0000
0x0800 0000
End Address
up to 0x080F FFFF
up to 0x0803 FFFF
Granularity
Page of 2 Kbytes size
except for Low and Medium density
Page of 1 Kbytes
up to 32 Sector of 4 Kbytes:
sector is 4 Pages of 1 Kbytes on
STM32F03x, STM32F04x and
STM32F05x or 2pages of 2Kbytes on
STM32F07x.
The STM32F09x has 31 sectors of
4 Kbytes and 1 sector of 132 Kbytes.
EEPROM
memory
Start Address
Available by SW emulation
Available by software emulation
End Address
System memory
Start Address
0x1FFF F000
0x1FFF EC00 on STM32F03/5x
0x1FFF C800 on STM32F07x
0x1FFF C400 on STM32F04x
0x1FFF D800 on STM32F09x
End Address
0x1FFF F7FF
0x1FFF F7FF
Option Bytes
Start Address
0x1FFF F800
0x1FFF F800
End Address
0x1FFF F80F
0x1FFF F80B on STM32F03x,
STM32F04x and STM32F05x
0x1FFF F80F on STM32F07x and
STM32F09x
Flash interface
Start address
0x4002 2000
0x4002 2000
Programming
procedure
Same for all product lines
Same as STM32F1 series for Flash
program and erase operations.
Different from STM32F1 series for
Option byte programming(2)
Read Protection
Unprotection
Read protection disable
RDP = 0xA55A
Level 0 no protection
RDP = 0xAA
Protection
Read protection enable
RDP != 0xA55A
Level 1 memory protection
RDP != (Level 2 & Level 0)
Level 2: Lvl 1 +Debug disabled
RDP = 0xCC(3)
Write protection
Protection by 4Kbytes
Protection by sector(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com