Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4229 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4229
Description  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 3Page - STMicroelectronics AN4229 Datasheet HTML 4Page - STMicroelectronics AN4229 Datasheet HTML 5Page - STMicroelectronics AN4229 Datasheet HTML 6Page - STMicroelectronics AN4229 Datasheet HTML 7Page - STMicroelectronics AN4229 Datasheet HTML 8Page - STMicroelectronics AN4229 Datasheet HTML 9Page - STMicroelectronics AN4229 Datasheet HTML 10Page - STMicroelectronics AN4229 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID024112 Rev 1
7/26
AN4229
Vocoder overview and comparison
25
The features of Speex include:
•
Three different sampling rates: narrowband (8 kHz), wideband (16 kHz) and ultra-
wideband (32 kHz)
•
Wide range of bitrates available (from 2 Kbit/s to 44 Kbit/s)
•
Quality: ranges from 0 to 10
•
Variable complexity: ranges from 1 to 10
•
Variable bitrate (VBR)
•
Voice activity detection (VAD)
•
Perceptual enhancement…
Speex is targeted at voice over IP (VoIP) and file-based compression. The design goals
have been to make a codec that would be optimized for high quality speech and low bit rate.
Also, several other applications support the Speex codec such as streaming applications,
videogames and audio processing applications.
1.5
Vocoder comparison
Table 2 summarizes and compares general and technical information for the previously
presented codecs.
Table 2. Codecs comparison
Codec name
G.711
G.726
IMA-ADPCM
Speex
Creator
ITU-T
ITU-T
IMA (interactive
multimedia
association)
Xiph.Org foundation
Algorithm
Companding A-law or
μ-law, PCM, Lossy
ADPCM, Lossy
Adaptive differential
pulse code
modulation)
CELP (code excited
linear prediction)
License
GPL
GPL
Free
Patent-free (BSD
license)
Bitrate (Kbits/s)
64
16, 24, 32, 40
32
2.15 to 24.6 (NB)
4 to 44.2(WB)
Sampling rate (kHz) 8
8
8
8, 16, 32
Bits per input sample 16
13
16
16
Bits per output
sample
8
2, 3, 4, 5
4
Latency: 30 ms (NB),
34 ms (WB)
Application
– Voice recording
and playback
–VoIP
– Automated
announcement
systems
– Intercom
– Walkie-talkie
– Voice recording
and playback
–VoIP
– Automated
announcement
systems
– Speech
compression in
telecommunications
– Voice recording
and playback
–VoIP
– Streaming
applications
(teleconference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com