Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4229 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4229
Description  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 18Page - STMicroelectronics AN4229 Datasheet HTML 19Page - STMicroelectronics AN4229 Datasheet HTML 20Page - STMicroelectronics AN4229 Datasheet HTML 21Page - STMicroelectronics AN4229 Datasheet HTML 22Page - STMicroelectronics AN4229 Datasheet HTML 23Page - STMicroelectronics AN4229 Datasheet HTML 24Page - STMicroelectronics AN4229 Datasheet HTML 25Page - STMicroelectronics AN4229 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID024112 Rev 1
23/26
AN4229
FAQ
25
5
FAQ
This section gathers some of the most frequent questions vocoders package users may
ask. It gives some solutions and tips.
Table 9. FAQ
No.
Question
Answer/Solution
1
How to select media storage
(USB flash drive or SD card)?
In file “audio_app_conf.h”, set PLAYLIST_DIRECTORY
and/or RECORD_DIRECTORY to “0:/” to select USB flash
drive and “1:/” to select SD card. By default these two
defines are set to “0:/USER”.
2
How to configure Codecs
parameters?
Almost all codec parameters can be set into
“audio_app_conf.h” file. See Section 3.2
for other alternatives.
3
Is there any parameter to
configure when implementing
the application in EVAL boards
or DISCOVERY board?
All necessary configurations are already done and
managed by these three defines: USE_STM322xG_EVAL,
USE_STM324xG_EVAL and
USE_STM3F4XX_DISCOVERY.
As reference, main differences are:
– HSE_VALUE (equal to 8 MHz on the DISCOVERY board
and 25 MHz on the EVAL board)
– LCD support (only on EVAL)
– SD card support (only on EVAL)
– MEMS accelerometer support (only on DISCOVERY
board)
– USB power switch port configuration
(HOST_POWERSW_PORT_RCC,
HOST_POWERSW_PORT and
HOST_POWERSW_VBUS)
4
How to add a new codec?
To allow the application to support new codec, the user
should:
– Add codec routines under “Codecs/”
– Add the codec functions (callbacks) layer regrouped into
a new file called “xxxprocess.c” (under Common/). User
can take “wavprocess.c” as reference.
– Update file “Common/stm32_audio_decoders.c” to
support new function associations.
Normally, the other layers (player, recorder, audio_in and
audio_out Interfaces) do not have to be modified.
5
How to disable LCD display on
EVAL board?
Un-define (comment) LCD_ENABLE, into
“audio_app_conf.h”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com