Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4229 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4229
Description  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 9Page - STMicroelectronics AN4229 Datasheet HTML 10Page - STMicroelectronics AN4229 Datasheet HTML 11Page - STMicroelectronics AN4229 Datasheet HTML 12Page - STMicroelectronics AN4229 Datasheet HTML 13Page - STMicroelectronics AN4229 Datasheet HTML 14Page - STMicroelectronics AN4229 Datasheet HTML 15Page - STMicroelectronics AN4229 Datasheet HTML 16Page - STMicroelectronics AN4229 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID024112 Rev 1
13/26
AN4229
Package content and description
25
While simple examples features are:
•
Only one codec (amongst G.711, G.726, IMA-ADPCM and Speex) is supported in each
example
•
Minimalist user interface
•
Play and record on internal flash memory
•
Simple commands using tamper (play/stop) and key (record/stop) push buttons
2.2
Audio API description
There are multiple abstraction layers for the audio components:
•
Decoders and mass storage operation management
•
Output interface (codec, I2S,DMA…) management, independently from FatFS
operations: it allows managing all output interface without caring about hardware layer
•
Input Interface (ADC, MEMS PDM, microphones…): it allows managing all input
interfaces without caring about hardware layer.
•
High abstraction layer (AudioPlayer_xxx and AudioRecorder_xxx)
All decoding/encoding operations are called by the abstraction layer interfaces (AudioPlayer
and AudioRecorder) as well as the read/write functions using FatFS library or equivalent for
read/write operations from internal STM32 flash memory. So when the application calls this
level of API, it doesn't need to call decoders/encoders or mass storage
open/write/read/close functions. Figure 5 and Figure 6 explain the structure of the high layer
for the audio player and recorder respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com