Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4229 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4229
Description  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 5Page - STMicroelectronics AN4229 Datasheet HTML 6Page - STMicroelectronics AN4229 Datasheet HTML 7Page - STMicroelectronics AN4229 Datasheet HTML 8Page - STMicroelectronics AN4229 Datasheet HTML 9Page - STMicroelectronics AN4229 Datasheet HTML 10Page - STMicroelectronics AN4229 Datasheet HTML 11Page - STMicroelectronics AN4229 Datasheet HTML 12Page - STMicroelectronics AN4229 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID024112 Rev 1
9/26
AN4229
Vocoder overview and comparison
25
Table 4. G.726 decoder performance
Parameter (1)
1. Bitrate: 32 Kbits/s
G.726 Decoder
µ-law
A-law
PCM
Flash memory (bytes)
2026
2018
1604
RAM (bytes)
144
144
144
Load (MHz)
18.06
17.55
11.76
Table 5. IMA-ADPCM performance
Parameter
IMA-ADPCM encoder
IMA-ADPCM decoder
Flash memory (bytes)
416
416
RAM (bytes)
16
16
Load (MHz)
0.62
0.51
Table 6. Speex encoder performance
Quality (1)
1. Complexity = 1
Load (MHz)
Narrowband
Wideband
1
40.8
53.4
2
33.6
46.2
3
37.2
49.8
4
37.2
64.2
5
52.2
56.4
6
52.2
70.2
7
44.4
98.4
8
44.4
114
9
72.6
100.8
10
59.4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com