Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4229 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4229
Description  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 13Page - STMicroelectronics AN4229 Datasheet HTML 14Page - STMicroelectronics AN4229 Datasheet HTML 15Page - STMicroelectronics AN4229 Datasheet HTML 16Page - STMicroelectronics AN4229 Datasheet HTML 17Page - STMicroelectronics AN4229 Datasheet HTML 18Page - STMicroelectronics AN4229 Datasheet HTML 19Page - STMicroelectronics AN4229 Datasheet HTML 20Page - STMicroelectronics AN4229 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DocID024112 Rev 1
17/26
AN4229
How to use the demonstration
25
3
How to use the demonstration
3.1
Hardware configuration
Supported boards are: STM32F4DISCOVERY (referred as DISCOVERY board hereafter),
STM322xG-EVAL and STM324xG-EVAL (referred as EVAL boards hereafter).
EVAL boards settings for the "demonstration":
•
Connect a USB flash drive to the USB OTG FS connector (CN8).
•
Connect an SD card to the MSC connector (CN6), also jumper JP16 must be set to
position 1-2 (MSD) to be able to use SD card.
•
Connect a headset (headphone + microphone) to the audio jack connector (CN11).
EVAL boards settings for the simple examples (such as "Simple_G711"):
•
Connect a headset (headphone + microphone) to the audio jack connector (CN11).
DISCOVERY board settings:
•
Connect a USB flash drive to the USB OTG FS connector (CN5).
•
Connect a headphone to the audio jack connector (CN4); no external microphone is
needed as the MEMS integrated microphone (U9) is used.
3.2
Firmware configuration
All the settings that a typical user needs to adjust are regrouped into one single file:
Demonstration\inc\audio_app_conf.h.
For example PLAYLIST_DIRECTORY and RECORD_DIRECTORY permit to set the
directory paths where the player/recorder will read/write audio files. Note that "0:/"
corresponds to USB flash drive and "1:/" corresponds to SD card.
In addition to general audio settings, such as volume (DEFAULT_VOLUME) and sampling
frequency (SAMPLE_RATE_FREQ), all the codecs parameters can also be set into this file
(audio_app_conf.h). There is only one exception: the Speex mode selection (narrowband or
wideband) is set directly into the preprocessor defined symbols.
Users should take in consideration the following correspondence table (Table 7) when
setting Speex parameters:
Table 7. Speex encoded frame size
SPX_ENCODER_QUALITY
ENCODED_FRAME_SIZE
Narrowband
Wideband
110
15
215
20
320
25
420
32
528
42
628
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com