Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4229 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4229
Description  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4229 Datasheet HTML 1Page - STMicroelectronics AN4229 Datasheet HTML 2Page - STMicroelectronics AN4229 Datasheet HTML 3Page - STMicroelectronics AN4229 Datasheet HTML 4Page - STMicroelectronics AN4229 Datasheet HTML 5Page - STMicroelectronics AN4229 Datasheet HTML 6Page - STMicroelectronics AN4229 Datasheet HTML 7Page - STMicroelectronics AN4229 Datasheet HTML 8Page - STMicroelectronics AN4229 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID024112 Rev 1
5/26
AN4229
Vocoder overview and comparison
25
1
Vocoder overview and comparison
A vocoder is a speech encoding, decoding and filtering application used to reproduce the
human voice.
In this application note, four speech codecs are implemented: G.711, G.726, IMA-ADPCM
and Speex. In the following sections, a short overview of these codecs is presented.
1.1
G.711
The G.711 codec is an ITU-T (telecommunication section of the international
telecommunication union) standard for the compression of voice frequency signals. Its
principal features are:
•
Sampling frequency: 8 kHz
•
64 Kbit/s bitrate (8 kHz sampling frequency, 8-bit samples)
•
Compression ratio: 1:2
•
Used with ITU-T recommendations G.726
G.711 defines two main compression algorithms, the µ-law algorithm (used in North America
and Japan) and A-law algorithm (used in Europe and the rest of the world). Both are
logarithmic, but A-law was specifically designed to reduce computer processing
requirements.
G.711 is primarily used in telephony, but it can also be used for fax communication over IP
networks.
1.2
G.726
G.726 is an ITU-T ADPCM speech codec standard covering the transmission of voice at
rates of 16, 24, 32, and 40 Kbit/s; actually, it supersedes both G.721 (ADPCM at 32 Kbits/s)
and G.723 (ADPCM at 24 and 40 Kbits/s). It also introduces a new 16 Kbit/s rate (Figure 1).
G.726 main features are:
•
Sampling frequency: 8 kHz
•
Bitrates: 16 Kbit/s, 24 Kbit/s, 32 Kbit/s and 40 Kbit/s
•
Uses adaptive differential pulse code modulation (ADPCM)
In addition to DECT (digital enhanced cordless telecommunications) telephony, where
G.726 is widely used, it is also used in several fields such as data and voice carrying
(depending on the selected channel bitrate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com