Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4313 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4313
Description  Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4313 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4313 Datasheet HTML 2Page - STMicroelectronics AN4313 Datasheet HTML 3Page - STMicroelectronics AN4313 Datasheet HTML 4Page - STMicroelectronics AN4313 Datasheet HTML 5Page - STMicroelectronics AN4313 Datasheet HTML 6Page - STMicroelectronics AN4313 Datasheet HTML 7Page - STMicroelectronics AN4313 Datasheet HTML 8Page - STMicroelectronics AN4313 Datasheet HTML 9Page - STMicroelectronics AN4313 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Projected sensor design
AN4313
6/15
DocID024816 Rev 1
Figure 2. Diamond implementation
2.1.2
H sensor single layer
In this implementation, Tx is on the top layer and forms two rectangles face to face with a
gap between them. The Rx electrode is a wire on the top layer, in the middle of the Tx gap
(see Figure 3).
L
L
Gnd
Gnd
Rx
Rx
Tx
Tx
Tx (bottom layer)
Rx (Top layer)
Gnd
Gnd
Rx
Rx
Tx
Tx
0.2 to 0.5 mm
0.2 to 0.5 mm
Clearance Tx to GND = 1 mm
MS18984V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com