Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4313 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4313
Description  Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4313 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4313 Datasheet HTML 3Page - STMicroelectronics AN4313 Datasheet HTML 4Page - STMicroelectronics AN4313 Datasheet HTML 5Page - STMicroelectronics AN4313 Datasheet HTML 6Page - STMicroelectronics AN4313 Datasheet HTML 7Page - STMicroelectronics AN4313 Datasheet HTML 8Page - STMicroelectronics AN4313 Datasheet HTML 9Page - STMicroelectronics AN4313 Datasheet HTML 10Page - STMicroelectronics AN4313 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID024816 Rev 1
7/15
AN4313
Projected sensor design
14
Figure 3. H sensor (single layer)
2.1.3
H type sensor two layers
In this implementation, the Tx electrode forms an H, and the Rx electrode is a wire which
lies on the Tx square. There is an isolating material between them, and Tx square electrode
is hollow under the Rx electrode (see Figure 4). Obviously, this kind of touchkey is made of
two layers.
//
Tx
1
L
1/2 L
Between 1/8 L
and 1/16 L
L
Rx
1 mm
MS18985V3
14L
1 4L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com