Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4313 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4313
Description  Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4313 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4313 Datasheet HTML 4Page - STMicroelectronics AN4313 Datasheet HTML 5Page - STMicroelectronics AN4313 Datasheet HTML 6Page - STMicroelectronics AN4313 Datasheet HTML 7Page - STMicroelectronics AN4313 Datasheet HTML 8Page - STMicroelectronics AN4313 Datasheet HTML 9Page - STMicroelectronics AN4313 Datasheet HTML 10Page - STMicroelectronics AN4313 Datasheet HTML 11Page - STMicroelectronics AN4313 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Projected sensor design
AN4313
8/15
DocID024816 Rev 1
Figure 4. Two-layer implementation
2.2
Linear sensor
An example of a linear sensor with five parcels is described in Figure 5. This kind of linear
touch sensor is fine when each parcel is about 6 mm to 10 mm and it could have N parcels.
So, for an overall length L, you can calculate the parcel number: N = L / parcel size (adjust
the parcel size to obtain N as an integer).
d
1/4L
1/4L
1/2L
L
Rx
Tx
panel
PCB
0.2 to 0.5 mm
H sensor (cross section)
bottom
MS18986V3
L
Between 1/8 L
and 1/16 L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com