Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4313 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4313
Description  Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4313 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4313 Datasheet HTML 1Page - STMicroelectronics AN4313 Datasheet HTML 2Page - STMicroelectronics AN4313 Datasheet HTML 3Page - STMicroelectronics AN4313 Datasheet HTML 4Page - STMicroelectronics AN4313 Datasheet HTML 5Page - STMicroelectronics AN4313 Datasheet HTML 6Page - STMicroelectronics AN4313 Datasheet HTML 7Page - STMicroelectronics AN4313 Datasheet HTML 8Page - STMicroelectronics AN4313 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID024816 Rev 1
5/15
AN4313
Projected sensor design
14
2
Projected sensor design
2.1
Touchkey sensor
The touchkey sensor can be of any shape, however it is recommended to use a square as
this shape is the simplest. The touch sensing library and ProxSenseTM IP automatically
compensate for capacitance differences, but the acquisition time and processing
parameters can be optimized if the sensors have a similar capacitance. For this reason, it is
recommended to use the same shape for all sensors.
The physical principlefor a touchkey, linear or rotary sensor is that an electric field surrounds
the Tx and Rx electrodes (see Figure 1). This field is dependent on the permittivity
R of
both the front panel and the PCB. It should not be dependent on air bubbles or moisture
which can be trapped between them, because they must be sufficiently well bonded by the
adhesive.
Figure 1. Electric field between 2 surface electrodes
1.
The above figure only shows a simplified representation of the sensor; for specification details, refer to
Figure 2 to Figure 4.
Hence, the sensitivity is dependent on known materials and is optimized. This will ensure
that the disturbance caused by the user’s finger is detected and measured with accuracy.
It is recommended to define the sensor size in relation to the panel thickness (d) and vice-
versa. The following formula helps the designer to define the external size of touchkey
sensors (L), and also for linear touch sensor and rotary touch sensor parcels:
L (mm) = 3 + (1.75 * d)
For example, a typical 10*10 mm touchkey should be used with a 4 mm Plexiglas panel.
2.1.1
Diamond type sensor
In this “diamond type” implementation, the Tx and Rx electrodes form a diamond shape
where the two electrodes are on the same layer, using a bridge (see Figure 2).
Note:
This symmetrical implementation allows swapping Rx & Tx.
MS18983V1
Dielectric panel
Electric field
Electrodes
Electric field
Electrodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com