Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4313 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4313
Description  Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4313 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4313 Datasheet HTML 6Page - STMicroelectronics AN4313 Datasheet HTML 7Page - STMicroelectronics AN4313 Datasheet HTML 8Page - STMicroelectronics AN4313 Datasheet HTML 9Page - STMicroelectronics AN4313 Datasheet HTML 10Page - STMicroelectronics AN4313 Datasheet HTML 11Page - STMicroelectronics AN4313 Datasheet HTML 12Page - STMicroelectronics AN4313 Datasheet HTML 13Page - STMicroelectronics AN4313 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Projected sensor design
AN4313
10/15
DocID024816 Rev 1
Figure 7. Rotary sensor made of 5 parcels
To design the rotary sensor:
1.
Define the diameter (D) of the rotary sensor (12 mm to 30 mm) and the number of
parcels (N minimum = 5)
2.
Verify the outer arc (W) of each parcel in the rotary sensor; it should be from 6 to
10 mm
3.
If necessary, adjust the parcel number by using the following formula: N = 3.14 * D / W
(with W chosen between 6 and 10 mm to obtain N as an integer)
2.4
Specific recommendations
2.4.1
PCB and layout
Ground considerations
One of the advantages of a projected sensor compared to a surface sensor is that its Tx and
Rx signals are less sensitive to the external environment than the ones used with the
surface sensor because they are coupled together. Rx is impacted by the ground in any
case (but less than the surface sensor); on the other hand, Tx is shielded by the ground. So
the sensor can be flooded as shown in Figure 8.
Tx
)
Global clearance
Rx to Tx: 1mm
Global Rx width
0.2 to 0.5mm
D
0.5mm
(bottom
Rx1
Rx2
Rx3
Rx5
Rx4
Global
width
0.2 to 0.5mm
D
0.5mm
W/2
0.5mm
0.5mm
MS18989V2
W=3.14D/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com