Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4313 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4313
Description  Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4313 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4313 Datasheet HTML 5Page - STMicroelectronics AN4313 Datasheet HTML 6Page - STMicroelectronics AN4313 Datasheet HTML 7Page - STMicroelectronics AN4313 Datasheet HTML 8Page - STMicroelectronics AN4313 Datasheet HTML 9Page - STMicroelectronics AN4313 Datasheet HTML 10Page - STMicroelectronics AN4313 Datasheet HTML 11Page - STMicroelectronics AN4313 Datasheet HTML 12Page - STMicroelectronics AN4313 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID024816 Rev 1
9/15
AN4313
Projected sensor design
14
Figure 5. Normal linear sensor
For smaller linear touch sensors under 6 mm, you can use an H sensor placed side by side
(with same size rules as H touchkey) (see Figure 6).
Figure 6. Small linear sensor
2.3
Rotary sensor
The design of rotary sensor with the projected technology is very similar to a linear sensor
one, so the recommended sizes for a parcel are the same (see Figure 7). You can design
rotary sensors with a diameter of 12 mm to 30 mm having a minimum of 5 parcels.
Rx1
Rx1
Rx4
Rx3
Rx2
Tx (bottom)
6 mm
5.5mm 0.5mm
Global Rx width
0.2 to 0.5 mm
Global clearance
Rx to Tx: 1 mm
3 mm
Rx5
3mm
40 mm
MS18987V2
Rx1
Rx2
Rx3
Rx4
Tx
Rx5
MS18988V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com