Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4445 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4445
Description  STM32L0xx ultra-low power features overview
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4445 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4445 Datasheet HTML 2Page - STMicroelectronics AN4445 Datasheet HTML 3Page - STMicroelectronics AN4445 Datasheet HTML 4Page - STMicroelectronics AN4445 Datasheet HTML 5Page - STMicroelectronics AN4445 Datasheet HTML 6Page - STMicroelectronics AN4445 Datasheet HTML 7Page - STMicroelectronics AN4445 Datasheet HTML 8Page - STMicroelectronics AN4445 Datasheet HTML 9Page - STMicroelectronics AN4445 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Energy-efficient processing
AN4445
6/17
DocID025944 Rev 1
2
Energy-efficient processing
The STM32L0 is built around the Cortex-M0+, an industry standard 32-bit core, which has
been designed, among other criteria, for low power applications.
The Cortex-M0+ offers a class-leading performance and code density. Although
performance is not naturally linked with low current consumption, it is a key benefit for most
of the low power applications which have to wake up periodically to execute software tasks.
In this case, the Cortex-M0+ spends less time in Run mode due to its processing
performance, thus maximizing the time in deep sleep mode. If we consider only the
processing consumption, expressed in mA/DMIPS (DMIPS standing for Dhrystone MIPS
measured using the public benchmark Rev 2.0), the performance of the Cortex M0+ is
significantly better than that of the other architectures, in particular 16-bit microcontrollers.
The performance in DMIPS/MHz being given by the core and its memory interface, the
processing consumption in mA/DMIPS can be maximized using voltage scaling. This
method, also called undervolting, consists of adapting dynamically the supply voltage of the
internal logic with the operating frequency. The STM32L0xx offers three dynamically
selectable voltage ranges, as summarized in the following figure, from 1.8 V (range 1) down
to 1.2 V (range 3), which offers a gain of more than 25% in terms of consumption.
Figure 1. STM32L0xx performance versus VDD and VCORE range
A typical example is portable healthcare equipment with USB device capability.
As long as it works in standalone mode, 4 MHz are sufficient to acquire and process the
data from the analog front-end. In this case, the internal logic can be supplied with 1.2 V
only.
However, executing a USB software stack when the system is connected to the USB
interface of a PC requires more processing power: in this case, the device can be placed in
"high-performance mode", where the internal voltage is 1.8 V. It can then execute code at 32
MHz while the USB peripheral is supplied by a 48-MHz clock. Voltage scaling is used to deal
with the contradictory requirements of these two operating modes without having to
compromise on the dynamic current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com