Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4445 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4445
Description  STM32L0xx ultra-low power features overview
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4445 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4445 Datasheet HTML 7Page - STMicroelectronics AN4445 Datasheet HTML 8Page - STMicroelectronics AN4445 Datasheet HTML 9Page - STMicroelectronics AN4445 Datasheet HTML 10Page - STMicroelectronics AN4445 Datasheet HTML 11Page - STMicroelectronics AN4445 Datasheet HTML 12Page - STMicroelectronics AN4445 Datasheet HTML 13Page - STMicroelectronics AN4445 Datasheet HTML 14Page - STMicroelectronics AN4445 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID025944 Rev 1
11/17
AN4445
A set of peripherals tailored for low power
16
GPIOs
Y
Y
Y
Y
Y
Y
-
2 pins
Wakeup time to
Run mode
0 µs
0.36 µs
3 µs
32 µs
3.5 µs
50 µs
Consumption
VDD=1.8 to
3.6 V (Typ)
Down to
140 µA/MHz
(from Flash)
Down to
37 µA/MHz
(from Flash)
Down to
8 µA
Down to
4.5 µA
0.4 µA (No RTC)
VDD=1.8 V
0.28 µA (No RTC)
VDD=1.8 V
0.8 µA (with RTC)
VDD=1.8 V
0.65 µA (with RTC)
VDD=1.8 V
0.4 µA (No RTC)
VDD=3.0 V
0.29 µA (No RTC)
VDD=3.0 V
1 µA (with RTC)
VDD=3.0 V
0.85 µA (with RTC)
VDD=3.0 V
Table 2. Functionalities depending on working mode (from Run/active to standby) (continued)
IPs
Run/Active
Sleep
Low-
power
run
Low-
power
sleep
Stop
Standby
Wakeup
capability
Wakeup
capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com