Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4445 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4445
Description  STM32L0xx ultra-low power features overview
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4445 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4445 Datasheet HTML 9Page - STMicroelectronics AN4445 Datasheet HTML 10Page - STMicroelectronics AN4445 Datasheet HTML 11Page - STMicroelectronics AN4445 Datasheet HTML 12Page - STMicroelectronics AN4445 Datasheet HTML 13Page - STMicroelectronics AN4445 Datasheet HTML 14Page - STMicroelectronics AN4445 Datasheet HTML 15Page - STMicroelectronics AN4445 Datasheet HTML 16Page - STMicroelectronics AN4445 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Ultra-safe supply monitoring
AN4445
14/17
DocID025944 Rev 1
6
Ultra-safe supply monitoring
The STM32L0xx includes a sophisticated supply supervisor module with several
programmable options. This module is active during both power-on/down and run-time
phases.
The power-up is a critical phase where the various parts of the internal circuitry must be
sequentially started and critical parameters (such as factory trimming values or options)
retrieved from the non-volatile memory to perform MCU initialization, even before the user's
reset phase. This is also during this period that VDD can be altered with glitches coming
from the battery insertion or because of a weak power source.
The ultra-safe power-on reset circuitry guarantees that the reset is released only if the VDD
is above 1.8 V, whatever the slope of the VDD ramp-up phase, so that the circuit is within its
guaranteed operating conditions when the program execution starts.
Once the power-up phase is completed, the user can choose to activate or not the brown-
out reset (BOR) detector for a continuous battery monitoring, and select one of 5 thresholds.
This is an option stored in the non-volatile memory to make this power supervision
completely software independent. It is completed by a 7-level programmable voltage
detector (PVD) that can be enabled by software to generate an early interrupt in case of a
voltage drop.
The consumption of both the BOR and PVD modules is below 3 µA, when continuously
powered, but it can remain significant in the deep sleep modes. If needed, the power
supervision module can be programmed to have the BOR and the PVD disabled during the
deep sleep phase and enabled again automatically on wake-up events. This minimizes the
current consumption when the application is in idle mode (with usually a slightly higher and
very stable supply due to an extremely light load). However, this does not jeopardize the
safety when the execution starts again.
The STM32L0 is one of the few standard MCUs on the market with an operating range
down to 1.65 V and only very few limitations (ADC and DAC need 1.8 V to achieve defined
accuracy, USB needs VDD above 1.71 V to run and its transceiver needs VDD_USB above
3.0 V to be USB compliant.). A dedicated STM32L0xx device with permanently disabled
BOR is available and can be used in applications with a voltage tolerance of 1.8 V
± 8%.
In this case, a "zero current" Power-on / Power-down reset (POR/PDR) module remains
active and releases the reset after a hard-coded temporization. It is then up to the user to
guarantee that the VDD slope during the start-up is steep enough to reach at least 1.65 V
when the reset vector is fetched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com