Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4445 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4445
Description  STM32L0xx ultra-low power features overview
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4445 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4445 Datasheet HTML 8Page - STMicroelectronics AN4445 Datasheet HTML 9Page - STMicroelectronics AN4445 Datasheet HTML 10Page - STMicroelectronics AN4445 Datasheet HTML 11Page - STMicroelectronics AN4445 Datasheet HTML 12Page - STMicroelectronics AN4445 Datasheet HTML 13Page - STMicroelectronics AN4445 Datasheet HTML 14Page - STMicroelectronics AN4445 Datasheet HTML 15Page - STMicroelectronics AN4445 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
A versatile clock management
AN4445
12/17
DocID025944 Rev 1
5
A versatile clock management
A reset and clock controller (RCC) peripheral manages the five possible clock sources of
the STM32L0.
Two external oscillators can be used for applications requiring high precision:
•
The HSE clock (4-24 MHz high speed external clock), typically used to feed the PLL
and to generate a CPU clock frequency of up to 32 MHz and a 48-MHz frequency for
the USB controller
•
The LSE (typically 32.768 kHz low speed external clock) normally used to provide a
low power clock source to the real time clock but which can also be used as LCD clock.
Four internal oscillators can be selected for various tasks:
•
The LSI clock (37 kHz low speed internal clock) is a low accuracy ultra-low power
source that can feed the real time clock (with a limited accuracy), the LCD controller
and the independent watchdog
•
The HSI16 clock (16 MHz high speed internal clock) is a high speed voltage-
compensated oscillator
•
The HSI48 clock (48 MHz high speed internal clock) is a high speed voltage controlled
oscillator that can be automatically trimmed thanks to LSE or USB's start of frame
signal. It is used to achieve the USB crystal less feature
•
The MSI clock (64 kHz to 4.2 MHz multi speed internal clock) is a medium accuracy
oscillator with adjustable frequency and low current consumption. It is designed to
operate with a current proportional to the frequency, so as to minimize the internal
oscillator consumption overhead for the low CPU frequencies.
The following table summarizes the characteristics and uses of the various oscillators.
Table 3. STM32L0xx clock source characteristics (preliminary data(1))
Clock
source
Use
Frequency
Consumption
(typical)
Accuracy
Factory
trimming
User
trimmable
HSE
Master clock
(+ RTC & LCD)
1-24 MHz
0.5 to 0.7 mA
Crystal dependent,
down to tens of ppm
Not applicable
LSE
RTC and LCD
32.768 kHz
(typical)
0.45 µA (1.8 V)
0.6 µA (3 V)
Crystal dependent,
down to a few ppm
HSI16
Master clock
16 MHz
100 µA
0.4% typical(2)
Yes
Yes
HSI48
USB, Random
number generator
48 MHz
300 µA
Fits USB needs
±1.7%
±0.1%
MSI
Master clock
65.5 kHz
131 kHz
262 kHz
524 kHz
1.05 MHz
2.1 MHz
4.2 MHz
0.75 µA
1.0 µA
1.5 µA
2.5 µA
4.5 µA
8.0 µA
15 µA
0.5% typical(2)
Yes
Yes
LSI
RTC, LCD &
ind. WDG
38 kHz
0.4 µA (3 V)
-30% to +50%(3)
No
No, but fLSI can
be measured
1. Based on preliminary characterization or design simulations. See product datasheet for detailed electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com