Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4445 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4445
Description  STM32L0xx ultra-low power features overview
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4445 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4445 Datasheet HTML 4Page - STMicroelectronics AN4445 Datasheet HTML 5Page - STMicroelectronics AN4445 Datasheet HTML 6Page - STMicroelectronics AN4445 Datasheet HTML 7Page - STMicroelectronics AN4445 Datasheet HTML 8Page - STMicroelectronics AN4445 Datasheet HTML 9Page - STMicroelectronics AN4445 Datasheet HTML 10Page - STMicroelectronics AN4445 Datasheet HTML 11Page - STMicroelectronics AN4445 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
A set of peripherals tailored for low power
AN4445
8/17
DocID025944 Rev 1
4
A set of peripherals tailored for low power
Several peripherals require special attention, either because of their intrinsic high
consumption or because they are always powered up.
The STM32L0xx embeds a 12-bit / 1.14 MSps ADC. This very fast but accurate converter
can jeopardize the battery lifetime if left powered-up continuously, with a 300 µA typical
consumption at maximum speed. As the ADC consumption is roughly proportional to the
acquisition frequency, from consumption standpoint the application can choose between
two solutions, either performing the acquisition at low speed to limit maximum current or
doing it at maximum speed to switch in ultra-low power mode quickly.
When the acquisition is performed slowly, the ADC consumption itself can go down to few
tens of µA drastically limiting the maximum current. This can be mandatory when the power
source provides a limited current. The drawback, if the CPU has no other task to perform
during that time, can be the increased time spent in run or sleep mode (or Low Power run or
Low power sleep modes) versus the time spent in ultra-low power mode (stop or standby).
When the acquisition is made at high speed the ADC can go in low power mode thanks to
auto-off mode very quickly and the micro controller can go into ultra-low power mode as
soon as the acquisition is processed.
Seven peripherals have been developed to operate continuously even in Stop mode, where
the system clock is stopped, with the main oscillator and memory powered down.
•
A pair of ultra-low power comparators is available to monitor analog voltages with a
current down to 3 µA. These comparators can wake up the MCU as soon as the
external voltage reaches the selected threshold and they can be combined together to
provide a window comparator. One of these comparators has a rail-to-rail input
capability and its output can be redirected to a timer for a general purpose use.
•
An RTC peripheral provides a clock/calendar with two alarms, includes a periodic
wake-up unit and several application specific functions (timestamp, tamper detection
…). It can remain enabled in the lowest power mode (standby) where most of the chip
is powered down, and wake up the full MCU circuitry in case of an alarm or tamper
detection for instance. It also contains 80 bytes of backup registers to store contextual
information when exiting from standby mode. This peripheral has been designed using
asynchronous design techniques to minimize its consumption (below 1 µA).
•
The glass LCD is one of the most common displays in low power applications, because
of its inherently low current consumption, low price and customization easiness. The
STM32L0xx includes a versatile LCD controller, which can drive displays with up to 8
common lines and 32 segments, with the capability of selecting individually the I/O
ports assigned to the LCD for an optimal use of the chip alternate functions. It also
controls an optional internal step-up converter to maintain the LCD contrast on a wide
range of VDD values with consumptions as low as 5 µA (LCD consumption not
included).
•
The Low power timer (LPTIM) is a 16-bit timer that benefits from the ultimate
developments in power consumption reduction. Thanks to its diversity of clock sources,
the LPTIM is able to keep running whatever the selected power mode. Given its
capability to run even with no internal clock source, the LPTIM can be used as «Pulse
Counter» which can be useful in some applications. Also the LPTIM capability to wake
up the system from low power modes, makes it suitable to realize «Timeout functions»
with extremely low power consumption. The LPTIM introduces a flexible clock scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com