Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4445 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4445
Description  STM32L0xx ultra-low power features overview
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4445 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4445 Datasheet HTML 9Page - STMicroelectronics AN4445 Datasheet HTML 10Page - STMicroelectronics AN4445 Datasheet HTML 11Page - STMicroelectronics AN4445 Datasheet HTML 12Page - STMicroelectronics AN4445 Datasheet HTML 13Page - STMicroelectronics AN4445 Datasheet HTML 14Page - STMicroelectronics AN4445 Datasheet HTML 15Page - STMicroelectronics AN4445 Datasheet HTML 16Page - STMicroelectronics AN4445 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID025944 Rev 1
13/17
AN4445
A versatile clock management
16
The price of a crystal oscillator may not be neglected in cost sensitive applications. For this
reason, the STM32L0xx offers several options to measure the internal oscillators.
Although HSI16 and MSI are factory trimmed, they can be further trimmed by 0.5% steps
during run time to compensate for frequency deviations due to temperature and voltage
changes. Similarly, manufacturing process deviations of the LSI can be evaluated and
compensated using a higher accuracy clock reference, either internally (HSI16) or externally
(LSE or HSE).
As an example, in an application where a 32.768 kHz crystal is used for the RTC, it is
interesting to use the low power MSI oscillator which can provide a clock frequency of up to
4 MHz for the CPU with a typical consumption of 20 µA. Taking advantage of the high
precision of the LSE crystals (typically a few tens of ppm), it is possible to determine the MSI
frequency with the same resolution, and then to trim it on-the-fly.
2. Accuracy reached after trimming. See product datasheet for low voltage and temperature drift details
3. -10% to +4% drift after initial measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com