Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4488 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 9Page - STMicroelectronics AN4488 Datasheet HTML 10Page - STMicroelectronics AN4488 Datasheet HTML 11Page - STMicroelectronics AN4488 Datasheet HTML 12Page - STMicroelectronics AN4488 Datasheet HTML 13Page - STMicroelectronics AN4488 Datasheet HTML 14Page - STMicroelectronics AN4488 Datasheet HTML 15Page - STMicroelectronics AN4488 Datasheet HTML 16Page - STMicroelectronics AN4488 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DocID026304 Rev 3
13/44
AN4488
Power supplies
43
Figure 6. PDR_ON timings example
(not to scale, not needed for STM32F411xx and STM32F446xx)
Selection of PDR_ON voltage supervisor
Voltage supervisor should have the following characteristics
Reset output active-high push-pull (output driving high when voltage is below trip
point)
Supervisor trip point including tolerances and hysteresis should fit the expected VDD
range.
Notice that supervisor spec usually specify trip point for falling supply, so hysteresis
should be added to check the power on phase.
Example:
Voltage regulator 1.8V +/- 5% mean VDD min1.71V
Supervisor specified at 1.66V +/- 2.5% with an hysteresis of 0.5% mean
- rising trip max = 1.71V (1.66V + 2.5% + 0.5%)
- falling trip min = 1.62V (1.66V - 2.5%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com