Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4488 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 27Page - STMicroelectronics AN4488 Datasheet HTML 28Page - STMicroelectronics AN4488 Datasheet HTML 29Page - STMicroelectronics AN4488 Datasheet HTML 30Page - STMicroelectronics AN4488 Datasheet HTML 31Page - STMicroelectronics AN4488 Datasheet HTML 32Page - STMicroelectronics AN4488 Datasheet HTML 33Page - STMicroelectronics AN4488 Datasheet HTML 34Page - STMicroelectronics AN4488 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
DocID026304 Rev 3
31/44
AN4488
Boot configuration
43
5.3
Embedded boot loader mode
The embedded boot loader is located in the System memory and is programmed by ST
during production.
For additional information, refer to AN2606 (Table 2).
The USART peripheral operates with the internal 16 MHz oscillator (HSI). The CAN and
USB OTG FS, however, can only function if an external clock (HSE) multiple of 1 MHz
(between 4 and 26 MHz) is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com