Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4488 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 24Page - STMicroelectronics AN4488 Datasheet HTML 25Page - STMicroelectronics AN4488 Datasheet HTML 26Page - STMicroelectronics AN4488 Datasheet HTML 27Page - STMicroelectronics AN4488 Datasheet HTML 28Page - STMicroelectronics AN4488 Datasheet HTML 29Page - STMicroelectronics AN4488 Datasheet HTML 30Page - STMicroelectronics AN4488 Datasheet HTML 31Page - STMicroelectronics AN4488 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Clocks
AN4488
28/44
DocID026304 Rev 3
4.2
LSE OSC clock
The low-speed external clock signal (LSE) can be generated from two possible clock
sources:
•
LSE user external clock (see Figure 20)
•
LSE external crystal/ceramic resonator (see Figure 21)
1. “LSE crystal/ceramic resonators” figure:
To avoid exceeding the maximum value of CL1 and CL2 (15 pF) it is strongly recommended to use a
resonator with a load capacitance CL ≤7 pF. Never use a resonator with a load capacitance of 12.5 pF.
2. “LSE external clock” and “LSE crystal/ceramic resonators” figures:
OSC32_IN and OSC32_OUT pins can be used also as GPIO, but it is recommended not to use them as
both RTC and GPIO pins in the same application.
3. “LSE crystal/ceramic resonators” figure:
The value of REXT depends on the crystal characteristics. A 0 Ω resistor would work but would not be
optimal. To fine tube RS value, refer to AN2867 - Oscillator design guide for ST microcontrollers (Table 2).
4.2.1
External source (LSE bypass)
In this mode, an external clock source must be provided. It can have a frequency of up to
1 MHz. The external clock signal (square, sine or triangle) with a duty cycle of about 50%
has to drive the OSC32_IN pin while the OSC32_OUT pin must be left high impedance (see
Figure 20).
4.2.2
External crystal/ceramic resonator (LSE crystal)
The LSE crystal is a 32.768 kHz low-speed external crystal or ceramic resonator. It has the
advantage of providing a low-power, but highly accurate clock source to the real-time clock
peripheral (RTC) for clock/calendar or other timing functions.
The resonator and the load capacitors have to be connected as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The load
capacitance values must be adjusted according to the selected oscillator.
Refer to the dedicated Application Note (AN2867 - Oscillator design guide for ST
microcontrollers) and electrical characteristics sections in the datasheet of your product for
more details.
Figure 20. LSE external clock
Figure 21. LSE crystal/ceramic
resonators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com