Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4488 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 25Page - STMicroelectronics AN4488 Datasheet HTML 26Page - STMicroelectronics AN4488 Datasheet HTML 27Page - STMicroelectronics AN4488 Datasheet HTML 28Page - STMicroelectronics AN4488 Datasheet HTML 29Page - STMicroelectronics AN4488 Datasheet HTML 30Page - STMicroelectronics AN4488 Datasheet HTML 31Page - STMicroelectronics AN4488 Datasheet HTML 32Page - STMicroelectronics AN4488 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
DocID026304 Rev 3
29/44
AN4488
Clocks
43
4.3
Clock security system (CSS)
The clock security system can be activated by software. In this case, the clock detector is
enabled after the HSE oscillator startup delay, and disabled when this oscillator is stopped.
•
If a failure is detected on the HSE oscillator clock, the oscillator is automatically
disabled. A clock failure event is sent to the break input of the TIM1 advanced control
timer and an interrupt is generated to inform the software about the failure (clock
security system interrupt CSSI), allowing the MCU to perform rescue operations. The
CSSI is linked to the Cortex®-M4 NMI (non-maskable interrupt) exception vector.
•
If the HSE oscillator is used directly or indirectly as the system clock (indirectly means
that it is used as the PLL input clock, and the PLL clock is used as the system clock), a
detected failure causes a switch of the system clock to the HSI oscillator and the
disabling of the external HSE oscillator. If the HSE oscillator clock (divided or not) is the
clock entry of the PLL used as system clock when the failure occurs, the PLL is
disabled too.
For details, see the reference manuals available from the STMicroelectronics website
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com