Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4488 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 33Page - STMicroelectronics AN4488 Datasheet HTML 34Page - STMicroelectronics AN4488 Datasheet HTML 35Page - STMicroelectronics AN4488 Datasheet HTML 36Page - STMicroelectronics AN4488 Datasheet HTML 37Page - STMicroelectronics AN4488 Datasheet HTML 38Page - STMicroelectronics AN4488 Datasheet HTML 39Page - STMicroelectronics AN4488 Datasheet HTML 40Page - STMicroelectronics AN4488 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DocID026304 Rev 3
37/44
AN4488
Reference design
43
8
Reference design
8.1
Description
The reference design shown in Figure 26, is based on the STM32F407IG(H6), a highly
integrated microcontroller running at 168 MHz, that combines the Cortex®-M4 32-bit RISC
CPU core with 1 Mbyte of embedded Flash memory and 192+4 Kbytes of SRAM including
64-Kbytes of CCM (core coupled memory) data RAM
.
This reference design is intended to work with a VDD from 1.8V minimum (PDR_ON =
VDD_MCU) and using embedded voltage regulator for 1.2V core supplies (BYPASS_REG =
GND), although BYPASS_REG = VDD_MCU is possible with JP1 jumper change, the
additional hardware as described in Section 2.3.6 is not present.
This reference design can be tailored to any other device listed in Table 1 with different
package, using the pins correspondence given in Table 12: Reference connection for all
packages.
8.1.1
Clock
Two clock sources are used for the microcontroller:
•
LSE: X2– 32.768 kHz crystal for the embedded RTC
•
HSE: X1– 25 MHz crystal for the STM32F4xxxx microcontroller
Refer to Section 4: Clocks on page 26.
8.1.2
Reset
The reset signal in Figure 26 is active low. The reset sources include:
•
Reset button (B1)
•
Debugging tools via the connector CN1
Refer to Section 2.3: Reset & power supply supervisor on page 10.
8.1.3
Boot mode
The boot option is configured by setting switches SW2 (Boot 0) and SW1 (Boot 1). Refer to
Section 5: Boot configuration on page 30.
Note:
In low-power mode (more specially in Standby mode) the boot mode is mandatory to be
able to connect to tools (the device should boot from the SRAM).
8.1.4
SWJ interface
The reference design shows the connection between the STM32F4xxxx and a standard
JTAG connector. Refer to Section 6: Debug management on page 32.
Note:
It is recommended to connect the reset pins so as to be able to reset the application from
the tools.
8.1.5
Power supply
Refer to Section 2: Power supplies on page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com