Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4488 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 17Page - STMicroelectronics AN4488 Datasheet HTML 18Page - STMicroelectronics AN4488 Datasheet HTML 19Page - STMicroelectronics AN4488 Datasheet HTML 20Page - STMicroelectronics AN4488 Datasheet HTML 21Page - STMicroelectronics AN4488 Datasheet HTML 22Page - STMicroelectronics AN4488 Datasheet HTML 23Page - STMicroelectronics AN4488 Datasheet HTML 24Page - STMicroelectronics AN4488 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
DocID026304 Rev 3
21/44
AN4488
Package
43
3.2.1
Compatibility within STM32F4x family
Figure 10. STM32F4 family compatible board design for LQFP64 package
number of VSS
3
2(1)
4(3)
4(1)
5(3)
9
11
144
710
11
19
3
4
4
6
VCAP1
XXX
XXX
XX
-
X
-
X
X
X
X
VCAP2
-
X(1)
X
XXX
XX
-
X
-
-
X
X
X
1. Apply to STM32F405xx / F407xx / F415xx / F417xxx / F427xx / F429xx / F437xx / F439xx.
2. PB11 isn’t present on STM32F401xx / F411xx for 64 and 100 pins xQFP/xQFN packages.
3. Apply to STM32F401xx / F411xx.
4. One single Tantalum or Ceramic capacitor (min. 4.7 µF typ.10 µF) for the package + one 100 nF Ceramic capacitor for each
VDD pin.
5. Apply to STM32F446xx.
Table 6. Pinout summary (continued)
Pin Name
xQFP/xQFN
xBGA
xCSP
48
64
100
144
176
208
100
144
169
176
216
49
81
90
143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com