Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4538 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 5Page - STMicroelectronics AN4538 Datasheet HTML 6Page - STMicroelectronics AN4538 Datasheet HTML 7Page - STMicroelectronics AN4538 Datasheet HTML 8Page - STMicroelectronics AN4538 Datasheet HTML 9Page - STMicroelectronics AN4538 Datasheet HTML 10Page - STMicroelectronics AN4538 Datasheet HTML 11Page - STMicroelectronics AN4538 Datasheet HTML 12Page - STMicroelectronics AN4538 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID026505 Rev 1
9/25
AN4538
STM32F3xx microcontroller low-power overview
24
The wakeup time from low-power modes contributes a lot in the power optimization and the
application flexibility. A trade-off has to be done between the low-power modes
consumption and the correspondent wakeup time.
Table 4 gives examples of wake up from low-power mode timing in STM32F3xx
microcontrollers.
Table 3. Wake up from low-power mode sources
Mode name
Entry
Wakeup sources
Wakeup pins
Sleep
WFI
Any interrupt
All I/O
WFE
Wakeup event
Comparator can wake up from Sleep (up to
7 EXTI lines in STM32F303xB/C/D/E,
STM32F358xx and STM32F398xx)
Stop
PDDS, LPDS bits +
SLEEPDEEP bit +
WFI or WFE
Any EXTI line (configured in the EXTI
registers, internal and external lines)
EXTI lines connected internally to: (1)
•
U(S)ART
•
Comparator
•
I2C
•
CEC (2)
1. For EXTI lines connected internally to these peripherals refer to EXTI lines mapping section in the
reference manuals.
2. CEC Available only in STM32F37xxx.
Standby
PDDS bit +
SLEEPDEEP bit +
WFI or WFE
WKUPx pins (x = 1, 2, 3), RTC alarm, RTC
tamper event, external reset in NRST pin,
IWDG reset
PA0
PC13
PE6 (3)
3. PE6 works as wakeup pin only in STM32F303/302xB/C/D/E.
Table 4. Wake up from low-power mode timing examples
Parameter
Condition
Typ, VDD=VDDA=3,3 V
Unit
STM32F302x6/8
STM32F303xB/C STM32F373xx
Wake up from Sleep
6
CPU clock
cycles
Wake up from Stop
Regulator in Run
mode
3.8
3.6
3.6
µs
Regulator in low-
power modes
5.7
5.4
5.4
Wake up from
Standby
LSI and IWDG OFF
53.1
51.7
42.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com