Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4538 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 17Page - STMicroelectronics AN4538 Datasheet HTML 18Page - STMicroelectronics AN4538 Datasheet HTML 19Page - STMicroelectronics AN4538 Datasheet HTML 20Page - STMicroelectronics AN4538 Datasheet HTML 21Page - STMicroelectronics AN4538 Datasheet HTML 22Page - STMicroelectronics AN4538 Datasheet HTML 23Page - STMicroelectronics AN4538 Datasheet HTML 24Page - STMicroelectronics AN4538 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID026505 Rev 1
21/25
AN4538
STM32F3xx microcontroller low-power application example
24
2.3.2
Application setup
Once the previous software and hardware recommendations have been followed and the
NUCLEO-F302R8 is ready to use, the user has to proceed as follow:
•
Open a serial port terminal interface in the PC.
•
Connect ST-link cable between NUCLEO-F302R8 and PC to power-on the board.
•
Open the serial port terminal while the device remains in Standby mode.
•
Push the button connected to PA0 to start the application state machine or wait for the
RTC period to elapse.
•
Once the menu message is displayed, select one of the four configuration by pushing
the key and send the right character (1-4).(see note)
•
Ensure that the PWM signal is generated and displayed on the oscilloscope.
•
Turn on the DC power supply and apply a DC voltage that exceeds the reference
voltage (≥ 1.2 V if Vrefint is selected or ≥ 2V if DAC1_OUT1 is selected) by modifying
the power supply output.
•
Once the message prompting the user that the device will return to standby is
displayed, execute the sequence again by pushing the button or wait for the RTC
period to elapse.
Note:
Depending on the choice done by the user, Voltage reference can be 1.2V (Vrefint) or 2V
(DAC1_OUT1) and the log time can be displayed or not in the last message.
The user has to apply the same sequence of steps described above to get a correct
functionality of the application.
2.4
Application current consumption
The measure of the application's average current consumption is necessary to estimate the
power budget of the application and deduce the battery life for such portable application.
2.4.1
Measuring current consumption
As an example, the average current consumption of the first state machine cycle processing
has been measured by activating the ’Min Max’ mode of the multimeter before powering on
the NUCLEO-F302R8 board. The hold button is pushed just after the first return to Standby
mode.
In this measured case, the Vrefint is selected as the inverting input of the comparator 2 and
the log time display is activated.
The average current is equal to 480 µA.
Before returning to standby, the application displays the log time of different low-power
modes existing in the application state machine. Figure 8 shows the log time displayed for
the first time of the application processing.
Note that the wakeup time of Sleep3 mode is displayed in the second cycle of the state
machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com