Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4538 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4538 Datasheet HTML 1Page - STMicroelectronics AN4538 Datasheet HTML 2Page - STMicroelectronics AN4538 Datasheet HTML 3Page - STMicroelectronics AN4538 Datasheet HTML 4Page - STMicroelectronics AN4538 Datasheet HTML 5Page - STMicroelectronics AN4538 Datasheet HTML 6Page - STMicroelectronics AN4538 Datasheet HTML 7Page - STMicroelectronics AN4538 Datasheet HTML 8Page - STMicroelectronics AN4538 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID026505 Rev 1
5/25
AN4538
STM32F3xx microcontroller low-power overview
24
1
STM32F3xx microcontroller low-power overview
STM32F3xx microcontrollers are based on ARM® Cortex®-M4 core running up to 72 MHz
with a high number of integrated advanced analog peripherals. They integrate an efficient
power supply architecture and various power modes that lead to the power consumption
reduction at the application level and simplify the application design.
1.1
Power supply
STM32F3xxxx devices have an optimized power supply architecture to combine real-time
capabilities, digital signal processing, and low-voltage operations with highly integrated
analog peripherals.
There are two different power supply architectures, depending on the availability of the
internal voltage regulator in the STM32F3xx microcontrollers:
1.1.1
STM32F3xxxx device power supply with an internal regulator
The embedded voltage regulator is used to supply the internal 1.8 V digital power domain
that contains the core, the memories and the digital peripherals as described in Figure 1.
Figure 1. Power supply overview in STM32F3xxxx devices with an internal regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com