Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4538 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 6Page - STMicroelectronics AN4538 Datasheet HTML 7Page - STMicroelectronics AN4538 Datasheet HTML 8Page - STMicroelectronics AN4538 Datasheet HTML 9Page - STMicroelectronics AN4538 Datasheet HTML 10Page - STMicroelectronics AN4538 Datasheet HTML 11Page - STMicroelectronics AN4538 Datasheet HTML 12Page - STMicroelectronics AN4538 Datasheet HTML 13Page - STMicroelectronics AN4538 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
STM32F3xx microcontroller low-power overview
AN4538
10/25
DocID026505 Rev 1
1.4
STM32F3xx microcontroller power saving techniques
1.4.1
General techniques
This section gives a brief description of the main power-saving features that contribute a lot
reducing the current consumption and reaching an optimal trade-off between the
performance processing and the power efficiency.
•
System clock configuration
Several prescalers are used to configure the AHB frequency, the high-speed APB
(APB2) and the low-speed APB (APB1) domains. In Run mode, the speed of the
system clocks can be reduced by programming the registers prescalers to the highest
values in order to provide just the needed clocks to peripherals and avoid the over-
clocking that causes a consumption penalty.
The power consumption can be further lowered by gating clocks to the APBx and AHBx
peripherals when they are not in use.
•
I/O configuration
To avoid extra I/O currents, all unused pins should be configured as analog inputs, in
this mode the schmitt trigger input is disabled, providing zero consumption for each I/O
pin.
For the output, it is recommended to configure the I/O speed frequency at the lowest
possible speed. The user has to avoid the pull-up and pull-down activation if they are
not used and no-pull up/down configuration is recommended. The user has to also
disable the MCO pin of the clock output if not used.
•
Using direct memory access (DMA)
STM32F3xxxx device peripherals can be accessed through DMA. This feature is not
just useful to improve the performance, it can also be used to reduce the power
consumption. The CPU must be kept running to avoid overflow on peripherals featuring
only one buffer register. However, with DMA, the CPU can go to Sleep mode until the
completion of DMA transfer.
This allows the device to consume less average current over the life of the application.
•
Using low-power modes
Power mode switching in the application processing reduces the overall average
consumption by keeping the device as much as possible in low-power modes.
The best power management approach consists of switching between different power
modes, taking into account of the application requirements in terms of power
consumption, wakeup sources/time and the peripherals simultaneously.
•
Peripherals clock gating
The more peripheral blocks active simultaneously the highest the power consumption.
Substantial power saving can be achieved by gating the clocks of the peripherals that
are not in use.
•
Using peripheral low-power features
STM32F3xxxx devices have peripherals with particular power features that allow to
design and develop low-power applications while maintaining a high flexibility and an
easy interaction with the external world. For example, the devices can wake up from
low-power modes using USART, comparator, I2C and CEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com