Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4538 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 9Page - STMicroelectronics AN4538 Datasheet HTML 10Page - STMicroelectronics AN4538 Datasheet HTML 11Page - STMicroelectronics AN4538 Datasheet HTML 12Page - STMicroelectronics AN4538 Datasheet HTML 13Page - STMicroelectronics AN4538 Datasheet HTML 14Page - STMicroelectronics AN4538 Datasheet HTML 15Page - STMicroelectronics AN4538 Datasheet HTML 16Page - STMicroelectronics AN4538 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID026505 Rev 1
13/25
AN4538
STM32F3xx microcontroller low-power application example
24
reference voltage which will be used by the comparator to control external analog signal
(motor current threshold).
Once the selection is done, the application starts driving the motor by a PWM signal
generated using timer1. Simultaneously, the comparator controls an input analog signal
(motor current). When this signal reaches the selected reference voltage, the generation of
PWM signal is stopped.
The application embeds several power modes that allow optimizing the whole application
power consumption. The RTC timer is enabled during the whole application to save time of
each state. The application communicates messages to the user about the main application
transitions. The log time of different states can be displayed, if this feature has been enabled
by the user. This log time profile gives the opportunity to the user to calculate easily the
application power budget.
2.1.2
Application modules
The application is based on a NUCLEO-F302R8, connected to a PC via USB cable.
The main STM32F302x8 peripherals used by this application are:
•
USART1: used to send and receive data via virtual comport and to wake up the CPU
from Stop mode.
•
DMA: used with USART for data transfer from device to PC
•
Timer 1: used to generate PWM signal.
•
Comparator 2: used to stop PWM generation and wake up the CPU from Sleep mode
when the non inverting input voltage exceeds the reference voltage.
•
RTC: used to run a calendar in the whole application and to wake up the CPU from
standby after the pre-defined time has elapsed.
Figure 4 summarizes the different modules of the application and the relevant functional
interconnections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com