Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4538 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 17Page - STMicroelectronics AN4538 Datasheet HTML 18Page - STMicroelectronics AN4538 Datasheet HTML 19Page - STMicroelectronics AN4538 Datasheet HTML 20Page - STMicroelectronics AN4538 Datasheet HTML 21Page - STMicroelectronics AN4538 Datasheet HTML 22Page - STMicroelectronics AN4538 Datasheet HTML 23Page - STMicroelectronics AN4538 Datasheet HTML 24Page - STMicroelectronics AN4538 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
STM32F3xx microcontroller low-power application example
AN4538
22/25
DocID026505 Rev 1
Figure 8. Log time display of the measured example
The time spent in each mode and the corresponding current consumption helps us to
calculate an estimated value of the whole application average current consumption. The
formula of the average current consumption is as follows:
I average = (IRUNx * TimeRUNx + Istandby * Timestandby + Isleep1 * Timesleep1 + Istop * Timestop +
Isleep2 * Timesleep2 + Isleep3 * Timesleep3 ) / Total Time
Table 5 gives the time and the current consumption in different low-power modes of the
measured example. For Runx modes (x=1, 2, 3, 4, 5, 6), we assume that they are negligible
versus low-power modes in term of processing periods in a such low-power application.
Total time = wake up from Sleep3 mode time = 42488 ms
Note:
The current consumption of low-power modes is measured by holding the multimeter
display in each measured state of the application.
Applying the average formula gives:
I average = [(4.3 * 20015) + (2010 * 82) + (24.3 * 12957) + (2080 * 9336) + (2040 * 90)] /
42488 = 475 µA
So the calculation gives us a good average current consumption compared to the measured
one with almost only 1% error.
Table 5. low-power mode data of the measured example
Low-power modes
Active peripherals
Execution periods
(ms)
Average measured
current consumption
(µA)
Standby mode
RTC
(LSE, Backup domain)
20015
4.3
Sleep1 mode
RTC, USART1/DMA1
82
2010
Stop mode
RTC, USART1
12957
24.3
Sleep 2 mode
RTC, USART1/DMA1,
COMP2, TIM1
9336
2080
Sleep3 mode
RTC, USART1/DMA1
90
2040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com