Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4570 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 18Page - STMicroelectronics AN4570 Datasheet HTML 19Page - STMicroelectronics AN4570 Datasheet HTML 20Page - STMicroelectronics AN4570 Datasheet HTML 21Page - STMicroelectronics AN4570 Datasheet HTML 22Page - STMicroelectronics AN4570 Datasheet HTML 23Page - STMicroelectronics AN4570 Datasheet HTML 24Page - STMicroelectronics AN4570 Datasheet HTML 25Page - STMicroelectronics AN4570 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Interfacing with a non-multiplexed, asynchronous 16-bit SRAM
AN4570
22/46
DocID026804 Rev 1
3
Interfacing with a non-multiplexed, asynchronous 16-
bit SRAM
3.1
FMC configuration
SRAM and NOR Flash memories share the same FMC banks. The protocol to be used
depends on the selected memory type.
To control an SRAM, the FMC provides the following possible features:
•
Enable or disable the address/data multiplexing feature
•
Select the memory type to be used: NOR/SRAM/PSRAM
•
Define the external memory data bus width: 8/16 bits
•
Enable or disable the extended mode: this mode is used to access the memory with a
different timing configuration for read and write operations.
Like for NOR Flash memories, the user has to compute and set the following parameters as
a function of the information in the SRAM datasheet:
ADDSET: address setup time
DATAST: data setup time
Figure 6 and Figure 7 show the different timings for a typical SRAM access.
Figure 6. SRAM asynchronous read access timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com