Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4570 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 27Page - STMicroelectronics AN4570 Datasheet HTML 28Page - STMicroelectronics AN4570 Datasheet HTML 29Page - STMicroelectronics AN4570 Datasheet HTML 30Page - STMicroelectronics AN4570 Datasheet HTML 31Page - STMicroelectronics AN4570 Datasheet HTML 32Page - STMicroelectronics AN4570 Datasheet HTML 33Page - STMicroelectronics AN4570 Datasheet HTML 34Page - STMicroelectronics AN4570 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
DocID026804 Rev 1
31/46
AN4570
Interfacing with an 8-bit NAND Flash memory
45
4.1
FMC configuration
To control a NAND Flash memory, the FMC provides the following possible features:
•
Enable or disable the use of the memory Ready/Busy signal as the wait input for the
FMC.
•
Enable or disable the use of the memory Ready/Busy signal as the interrupt source for
the FMC: the interrupt can be generated with three possible configurations:
–
on the rising edge of the Ready/Busy signal: when the memory has just completed
an operation and the new status in ready.
–
on the falling edge of the Ready/Busy signal: when the memory starts the new
operation
–
on the high level of the Ready/Busy signal: when the memory is ready.
•
Select the NAND Flash data bus width: 8- or 16-bit width.
•
Enable or disable the ECC computation logic.
•
Specify the ECC page size: it can be 256, 512, 1024, 2048, 4096 or 8192 bytes.
The FMC also provides the possibility of programming the timings for the different NAND
Flash sections separately: common section and attribute section. The timings are the
following:
•
Setup time: it is the time (in HCLK) required to set up the address before the command
assertion. That is, It is the time from address valid to the start of the read or write
operation.
•
Wait time: It is the time (in HCLK) required to assert the command. That is, it is the
time taken by the NOE and NWE signals to become deasserted.
•
Hold time: it is the time (in HCLK) during which the address is held after the command
deassertion. That is, it is the time between the deassertion of the NOE and NWE
signals and the end of the operation cycle.
•
Data-bus HiZ time: it is only valid for write operations and corresponds to the time (in
HCLK) during which the data bus is kept in the high-impedance state after the start of a
write access. That is, it is the time from address valid to data bus driven.
Figure 10 shows the different timings for a typical NAND Flash memory access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com