Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4570 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 37Page - STMicroelectronics AN4570 Datasheet HTML 38Page - STMicroelectronics AN4570 Datasheet HTML 39Page - STMicroelectronics AN4570 Datasheet HTML 40Page - STMicroelectronics AN4570 Datasheet HTML 41Page - STMicroelectronics AN4570 Datasheet HTML 42Page - STMicroelectronics AN4570 Datasheet HTML 43Page - STMicroelectronics AN4570 Datasheet HTML 44Page - STMicroelectronics AN4570 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
DocID026804 Rev 1
41/46
AN4570
Interfacing with an 8-bit NAND Flash memory
45
4.4
Error correction code computation
4.4.1
Error correction code (ECC) computation overview
The FMC NAND Flash controller includes two pieces of error correction code computation
hardware, one for each NAND Flash memory block.
The ECC can be performed for page sizes of 256, 512, 1024, 2048, 4096 or 8192 bytes,
depending on the ECC page size configured by the user. Depending on the configured page
size, the ECC code will be 22, 24, 26, 28, 30 or 32 bits.
To even improve the error coverage, the user can read/write the NAND Flash page with a
reduced ECC page size. This is possible when starting and stopping the ECC computation
after the desired number of bytes to check. In this case, the ECC code is only calculated for
the bytes written and read.
The error correction code algorithm implemented in the FMC can perform 1-bit error
correction and 2-bit error detection per page read from or written to the NAND Flash
memory. It is based on the Hamming algorithm and consists in calculating the row and
column parity.
4.4.2
Error detection
Figure 12. Error detection flowchart
Program NAND page operation successful
Read ECC value during Program operation
Read written NAND page
Read new ECC value during Read operation
XOR operation between the two ECC values
All ECC bits
are zero
Yes
No
No error
Error detected
ai15185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com