Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4570 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 28Page - STMicroelectronics AN4570 Datasheet HTML 29Page - STMicroelectronics AN4570 Datasheet HTML 30Page - STMicroelectronics AN4570 Datasheet HTML 31Page - STMicroelectronics AN4570 Datasheet HTML 32Page - STMicroelectronics AN4570 Datasheet HTML 33Page - STMicroelectronics AN4570 Datasheet HTML 34Page - STMicroelectronics AN4570 Datasheet HTML 35Page - STMicroelectronics AN4570 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Interfacing with an 8-bit NAND Flash memory
AN4570
32/46
DocID026804 Rev 1
Figure 10. NAND memory access timing
1. NOE remains high (inactive) during write accesses. NWE remains high (inactive) during read accesses.
4.1.1
Typical use of the FMC to interface with a NAND memory
The STM32F30xxD/E FMC NAND Flash controller can configure Bank2 or Bank3 to support
NAND Flash memories.
The banks are selected using the Chip Select signals, as each bank is associated with a
specific Chip Select.
To enable communication with the NAND Flash devices, the FMC NAND Flash controller
has to be initialized to meet the characteristics of the NAND Flash devices: features,
timings, data width, etc.
In this application note, the Numonyx NAND512W3A is used as the reference. This memory
has the same access protocol as many other NAND Flash memories on today’s market.
NAND512W3A characteristics:
•
NAND interface: x8 bus width, multiplexed address/ data
•
Page size: x8 device: (512 + 16 spare) bytes
•
Page Read/Program timings:
–
Random access: 12 μs (3 V)/15 μs (1.8 V) (max)
–
Sequential access: 30 ns (3 V)/50 ns (1.8 V) (min)
–
Page Program time: 200 μs (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com