Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4570 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 31Page - STMicroelectronics AN4570 Datasheet HTML 32Page - STMicroelectronics AN4570 Datasheet HTML 33Page - STMicroelectronics AN4570 Datasheet HTML 34Page - STMicroelectronics AN4570 Datasheet HTML 35Page - STMicroelectronics AN4570 Datasheet HTML 36Page - STMicroelectronics AN4570 Datasheet HTML 37Page - STMicroelectronics AN4570 Datasheet HTML 38Page - STMicroelectronics AN4570 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
DocID026804 Rev 1
35/46
AN4570
Interfacing with an 8-bit NAND Flash memory
45
Using the above described formulas, the memory timings in Table 8 and the asynchronous
timings in Table 3, we have:
•
Setup time: 0x0
•
Wait time: 0x2
•
Hold time: 0x1
•
HiZ time: 0x0
4.3
Hardware connection
Table 9 gives the correspondence between the NAND Flash memory pins and the FMC pins
and shows the GPIO configuration for each FMC pin.
In case of a 16-bit NAND Flash memory, the data/address bus is 16 bits wide and the
remaining FMC data/address bus are used.
tRP
Read Enable low to Read Enable high
15
ns
tCS
Chip Enable low to Write Enable high
20
ns
tALS
AL setup time
15
ns
tCLS
CL Setup time
15
ns
tCH
E Hold time
5
ns
tALH
AL Hold time
5
ns
tCLH
CL Hold time
5
ns
tDS
Data Valid to Write Enable high
15
ns
tWC
Write Enable low to Write Enable low
30
ns
tRC
Read Enable low to Read Enable low
30
ns
tREA
Read Enable low to Output Valid
18
ns
Table 8. NAND512W3A2C Flash memory timings (continued)
Symbol
Parameter
Value
Unit
Table 9. NAND512W3A signal to FMC pin correspondence
Memory signals
FMC signals
Pin / Port
assignment
Pin / Port
configuration
Signal description
AL
ALE/A17
PD11
AF push-pull
Address Latch Enable
CL
CLE/A16
PD12
AF push-pull
Command Latch Enable
I/O0-I/O7
D0-D7
Port D/Port E
AF push-pull
Data D0-D7
E
NCE2
PD7
AF push-pull
Chip Enable
R
NOE
PD4
AF push-pull
Output Enable
W
NWE
PD5
AF push-pull
Write Enable
RB
NWAIT/INT2
PD6/PG6
Input pull-up
Ready/Busy signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com