Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4570 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 26Page - STMicroelectronics AN4570 Datasheet HTML 27Page - STMicroelectronics AN4570 Datasheet HTML 28Page - STMicroelectronics AN4570 Datasheet HTML 29Page - STMicroelectronics AN4570 Datasheet HTML 30Page - STMicroelectronics AN4570 Datasheet HTML 31Page - STMicroelectronics AN4570 Datasheet HTML 32Page - STMicroelectronics AN4570 Datasheet HTML 33Page - STMicroelectronics AN4570 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Interfacing with an 8-bit NAND Flash memory
AN4570
30/46
DocID026804 Rev 1
4
Interfacing with an 8-bit NAND Flash memory
NAND Flash memories are accessed in accordance with a specific protocol. To write to or
read from the NAND Flash memory, it is necessary to:
1.
Send a command to the NAND Flash memory
2.
Send the address to write to or read from
3.
Read or write the data
The FMC NAND banks are divided into three sections to allow the user to easily program
the NAND Flash memory: data section, address section, and command section.
Figure 9. FMC NAND bank sections
In fact, the three sections are the representation of the real NAND Flash memory. By writing
to any location in the command section, the user writes the command to the NAND Flash
memory. By writing to any location in the address section, the user specifies the address of
the read or write operation. Depending on the structure of the used NAND Flash memory,
four or five operations are required to write the address. By writing to or reading from any
location in the data section, the data are written to or read from the address previously sent
to the address section.
Command section
Address section
Data section
0x02 0000
0x03 FFFF
0x01 0000
0x00 0000
ai15182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com